Part Number Hot Search : 
P6KE16AJ PP1DDS V202Y C3356 E004729 0603A UN5213 SOT143
Product Description
Full Text Search
 

To Download TSSH-105-01-S-DH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tssh?110?01?s?dh tssh?120?01?t?d tssh?105?01?l?dv www.samtec.com ?dh = double row horizontal pin surface mount ?d?ra = double row right angle pin through-hole mates with: ssw, ssq, ssm plating option note: some lengths, styles and options are non-standard, non-returnable. 1 no. pins per row tssh .025" sq shrouded header tssh series f-209 01 row option ?s = 30" (0,76m) gold on post, matte tin on tail ?l = 10" (0,25m) gold on post, matte tin on tail ?t = matte tin (2,54) .100 (2,54) .100 (2,29) .090 (1,52) .060 (2,54) .100 (2,54) .100 02 01 (5,84) .230 (1,27) .050 (3,94) .155 (7,62) .300 (9,65) .380 (0,64) .025 sq (no. of positions x (2,54) .100) + (1,02).040 (no. of positions + 2) x (2,54) .100 05, 10, 15, 20, 25, 30, 34 (?d?ra, ?dh) 05, 10, 15, 20, 25, 30, 35, 36 (?d, ?dv) no. of positions x (2,54) .100 + (1,27) .050 (2,54) .100 (6,35) .250 (2,54) .100 (0,64) .025 sq 01 71 72 02 (2,54) .100 (8,89) .350 (1,91) .075 (8,89) .350 (6,10) .240 (10,03) .395 (8,89) .350 (2,69) .106 (8,89) .350 (6,10) .240 ?dv = double row vertical pin surface mount ?d = double row vertical pin through-hole ?d ?dv important note: this series will only mate with ssw, ssq & ssm series ?d?ra ?dh other option ?lc = locking clip (?dv only) (3,43) .135 (1,42) .056 x (0,25) .010 ?a = alignment pin ?m = metal pick & place pad (?dv only) ?tr = tape & reel 5 to 25 positions (?dh & ?dv only) (1,58) .062 (3,17) .125 (5,71) .225 x (4,16) .164 horizontal applications ssm tssh (6,86) .270 x (8,26) .325 ?p = plastic pick & place pad (?dh only) 5 pos. min for complete speci cations and recommended pcb layouts see www.samtec.com?tssh insulator material: black liquid crystal polymer terminal material: phosphor bronze plating: au or sn over 50? (1,27?) ni operating temp range: -55? to +105? with tin; -55? to +125? with gold rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead?free solderable: ye s smt lead coplanarity: (0,20mm) .008" max (?h) (0,20mm) .008" max (?v) specifications


▲Up To Search▲   

 
Price & Availability of TSSH-105-01-S-DH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X